Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download PM105-221K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9.8 (.386) max. 9.8 (.386) max. 10.0 (.394) max. 2.8 (.110) max. 10.0 (.394) max. 5.8 (.228) max. 2.9 (.114) typ. features formerly model available in e12 series small design of only 9.8 mm maximum diameter rohs compliant* applications input/output of dc/dc converters power supplies for:  portable communication equipment  camcorders  lcd tvs  car radios pm105 series - smd power inductor *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. general speci cations test frequency ............................. 1 khz test voltage .......................................1 v re ow soldering .. 230 ?, 50 sec. max. operating temperature ................................-40 ? to +125 ? (temperature rise included) storage temperature .. -40 ? to +125 ? resistance to soldering heat ................................. 260 ? for 5 sec. materials core ............................... ferrite dr core wire .................... enameled copper wire terminal ....................................ag/ni/sn rated current ...................ind. drop 10 % typ. at isat temperature rise ......................40? max. at rated irms packaging .................... 500 pcs. per reel *rohs compliant dimensions: mm (inches) product dimensions electrical speci cations recommended layout inductance 1 khz test srf i rms i sat q frequency min. rdc max. typ. bourns part no. (?) tol. % ref. (mhz) (mhz) ( ) (a) (a) pm105-100m-rc 10 ?20 30 2.52 21 0.060 2.60 5.10 pm105-120m-rc 12 ?20 30 2.52 20 0.070 2.45 4.50 pm105-150m-rc 15 ?20 30 2.52 16 0.080 2.25 4.00 pm105-180m-rc 18 ?20 30 2.52 15 0.090 2.15 3.80 pm105-220m-rc 22 ?20 25 2.52 13 0.10 1.95 3.50 pm105-270k-rc 27 ?10 25 2.52 11 0.11 1.75 3.40 pm105-330k-rc 33 ?10 25 2.52 10 0.12 1.50 2.90 pm105-390k-rc 39 ?10 20 2.52 9.0 0.14 1.35 2.60 pm105-470k-rc 47 ?10 20 2.52 8.0 0.17 1.25 2.30 pm105-560k-rc 56 ?10 20 2.52 7.5 0.19 1.15 2.10 pm105-680k-rc 68 ?10 15 2.52 7.0 0.22 1.10 2.00 pm105-820k-rc 82 ?10 15 2.52 6.0 0.25 1.00 1.90 pm105-101k-rc 100 ?10 15 0.796 5.2 0.35 0.97 1.70 pm105-121k-rc 120 ?10 15 0.796 5.0 0.40 0.89 1.50 pm105-151k-rc 150 ?10 15 0.796 4.5 0.47 0.78 1.40 pm105-181k-rc 180 ?10 12 0.796 4.0 0.63 0.72 1.30 PM105-221K-RC 220 ?10 12 0.796 3.8 0.73 0.66 1.10 pm105-271k-rc 270 ?10 12 0.796 3.5 0.97 0.57 1.00 pm105-331k-rc 330 ?10 12 0.796 3.2 1.15 0.52 0.85 pm105-391k-rc 390 ?10 12 0.796 3.0 1.30 0.48 0.80 pm105-471k-rc 470 ?10 12 0.796 2.5 1.48 0.42 0.80 pm105-561k-rc 560 ?10 12 0.796 2.3 1.90 0.33 0.66 pm105-681k-rc 680 ?10 12 0.796 2.1 2.25 0.28 0.65 pm105-821k-rc 820 ?10 10 0.796 2.0 2.55 0.24 0.56 typical part marking electrical schematic 101
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. pm105 series - smd power inductor packaging speci cations rev. 05/12 embossed carrier embossed cavity 0.10 (.004) thickness max. qty: 500 pcs. per reel dimensions: mm (inches) materials paper plastics strength of cover tape 165?to 180 base tape top cover tape the force for tearing off cover tape is 10 to 130 grams in the arrow direction. 2.0 0.5 (.079 .020) 50.0 (1.969) 26 (1.024) 30.4 (1.20) 330 (12.992) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21 0.8 (.827 .039) end start user direction of feed 200 (7.874) no component no component components 12000 (472.441) 400 (15.748) 4 (.157) 12 (.472) 24 (.945) 6.7 (.264) t = .35 (.014)


▲Up To Search▲   

 
Price & Availability of PM105-221K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X